PART |
Description |
Maker |
WF128K32N-120H1I5A WF128K32N-150H1I5 WF128K32N-50H |
120ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716 150ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716 60ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716 70ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716 90ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716
|
White Electronic Designs
|
GS71108TP-10 GS71108TP-12 GS71108TP-12I GS71108TP |
15ns 128K x 8 1Mb asynchronous SRAM 12ns 128K x 8 1Mb asynchronous SRAM 10ns 128K x 8 1Mb asynchronous SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 0.400 INCH, SOJ-32 128K X 8 STANDARD SRAM, 12 ns, PBGA48 6 X 8 MM, 0.75 MM PITCH, FBGA-48 128K X 8 STANDARD SRAM, 12 ns, PDSO32 0.300 INCH, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, PBGA48 6 X 8 MM, 0.75 MM PITCH, FBGA-48 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
GSI[GSI Technology] GSI Technology, Inc.
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IS61LV12816 IS61LV12816-10B IS61LV12816-10BI IS61L |
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 10 ns, PBGA48 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 10 ns, PDSO44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 15 ns, PDSO44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 15 ns, PBGA48 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 12 ns, PDSO44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 15 ns, PQFP44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 10 ns, PQFP44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 12 ns, PQFP44
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution Inc] Integrated Circuit Solution Inc ISSI[Integrated Silicon Solution, Inc]
|
GS84032AB-180 GS84018AB-180 GS84036AB-180 GS84036A |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256 × 1828K的3228K的36 4Mb的同步突发静态存储器 256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs Time-Delay Relay; Contacts:SPST-NC; Time Range:0.1 - 60 sec.; Mounting Type:Panel; Timing Function:Delay-On-Break; Supply Voltage:12VDC; Time Range Max:60s; Time Range Min:0.1s
|
ETC Electronic Theatre Controls, Inc.
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
ASM809TEUR-T ASM810TEUR ASM810SEUR ASM810REUR ASM8 |
4.00 V, 3 pin microcontroller power supply supervisor 4 V, 3 pin microcontroller power supply supervisor 2.93 V, 3 pin microcontroller power supply supervisor 3.08 V, 3 pin microcontroller power supply supervisor 2.63 V, 3 pin microcontroller power supply supervisor 4.38 V, 3 pin microcontroller power supply supervisor 4.63 V, 3 pin microcontroller power supply supervisor 3 Pin Microcontroller Power Supply Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Low Power CPU Supervisors
|
Alliance Semiconductor, Corp. ALSC Alliance Semiconductor Corporation Alliance Semiconductor Corp...
|
CY7C1019CV33 CY7C1019CV33-12VI CY7C1019CV33-15VC C |
128K x 8 Static RAM 128K的8静态RAM JT 26C 26#20 SKT RECP 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MBM29F200BA12 MBM29F200TA12 |
2M (256K×8/128K×16) Bit Flash Memory(V 电源电压256K×8/128K×16闪速存储器) 200万(256K × 8/128K × 16)位快闪记忆体(V的电源电56K × 8/128K × 16闪速存储器 2M (256K?8/128K?16) Bit Flash Memory(??V ?垫??靛?256K?8/128K?16???瀛???ī
|
Fujitsu, Ltd. Fujitsu Limited
|
|